| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705P6AGRS/D Fiches technique(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Fiches technique(HTML) 17 Page - NXP Semiconductors |
|
17 / 134 page ![]() General Release Specification Features MC68HC705P6A — Rev. 1.0 General Release Specification General Description • Static EPROM Mask Option Register (MOR) Selectable Options: – COP Watchdog Timer Enable or Disable – Edge-Sensitive or Edge- and Level-Sensitive External Interrupt – SIOP Most Significant Bit (MSB) or Least Significant Bit (LSB) First – SIOP Clock Rates: OSC Divided by 8, 16, 32, or 64 – Stop Instruction Mode, STOP or HALT – EPROM Security External Lockout – Programmable Keyscan (Pullups/Interrupts) on PA0–PA7 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |