Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705P6AGRS/D Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 14Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 15Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 16Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 17Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 18Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 19Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 20Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 21Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 134 page
background image
General Description
General Release Specification
MC68HC705P6A — Rev. 1.0
General Description
Figure 1-1. MC68HC705P6A Block Diagram
NOTE:
A line over a signal name indicates an active low signal. For example,
RESET is active high and RESET is active low.
Any reference to voltage, current, or frequency specified in the following
sections will refer to the nominal values. The exact values and their
tolerances or limits are specified in Section 14. Electrical
Specifications.
INTERNAL
CPU CLOCK
16-BIT TIMER
1 INPUT CAPTURE
1 OUTPUT COMPARE
PORT D LOGIC
COP
OSC
COND CODE REG
1 1 1
I N Z C
H
INDEX REG
CPU CONTROL
0 0 0
STK PNTR
1
1
0
0
0
0
0
÷4
RESET
OSC 1
OSC 2
PD7/TCAP
SRAM — 176 BYTES
USER EPROM — 4672 BYTES
TCMP
IRQ/VPP
ALU
68HC05 CPU
ACCUM
PROGRAM COUNTER
CPU REGISTERS
÷2
PA7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PB5/SDO
PB6/SDI
PB7/SCK
PORT B AND
SIOP
REGISTERS
AND LOGIC
VDD
VSS
PD5
PC3/AD3
PC4/AD2
PC5/AD1
PC6/AD0
PC7/VREFH
PC2
PC1
PC0
BOOTLOADER ROM — 239 BYTES
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More