| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705P6AGRS/D Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 134 page ![]() Memory General Release Specification MC68HC705P6A — Rev. 1.0 Memory 2.6 RAM The user RAM consists of 176 bytes (including the stack) at locations $0050 through $00FF. The stack begins at address $00FF. The stack pointer can access 64 bytes of RAM from $00FF to $00C0. NOTE: Using the stack area for data storage or temporary work locations requires care to prevent it from being overwritten due to stacking from an interrupt or subroutine call. 2.7 EPROM/ROM There are 4608 bytes of user EPROM at locations $0100 through $12FF, plus 48 bytes in user page zero locations $0020 through $004F, and 16 additional bytes for user vectors at locations $1FF0 through $1FFF. The bootloader ROM and vectors are at locations $1F01 through $1FEF. 2.8 Mask Option Register (MOR) $1EFF–$1F00 The MOR is a pair of EPROM bytes located at $1EFF and $1F00. It controls the programmable options on the MC68HC705P6A. See Section 11. Mask Option Register (MOR) for additional information. $1EFF Bit 7 654321 Bit 0 Read: PA7PU PA6PU PA5PU PA4PU PA3PU PA2PU PA1PU PA0PU Write: Erased State: 00000000 $1F00 Bit 7 654321 Bit 0 Read: SECURE SWAIT SPR1 SPR0 LSBF LEVEL COP Write: Erased State: 00000000 = Unimplemented Figure 2-4. Mask Option Register Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |