Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705P6AGRS/D Fiches technique(PDF) 37 Page - NXP Semiconductors

No de pièce HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Fiches technique(HTML) 37 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 35Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 36Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 37Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 38Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 39Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 40Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
General Release Specification
COP Watchdog Timer Considerations
MC68HC705P6A — Rev. 1.0
General Release Specification
Operating Modes
3.6 COP Watchdog Timer Considerations
The COP watchdog timer is active in user mode of operation when the
COP bit in the MOR is set. Executing the STOP instruction when the
SWAIT bit in the MOR is clear will cause the COP to be disabled.
Therefore, it is recommended that the STOP instruction be modified to
produce halt mode (set bit SWAIT in the MOR) if the COP watchdog
timer is required to function at all times.
Furthermore, it is recommended that the COP watchdog timer be
disabled for applications that will use the wait mode for time periods that
will exceed the COP timeout period.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More