Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-GP6 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 32Page - STMicroelectronics ST20-GP6 Datasheet HTML 33Page - STMicroelectronics ST20-GP6 Datasheet HTML 34Page - STMicroelectronics ST20-GP6 Datasheet HTML 35Page - STMicroelectronics ST20-GP6 Datasheet HTML 36Page - STMicroelectronics ST20-GP6 Datasheet HTML 37Page - STMicroelectronics ST20-GP6 Datasheet HTML 38Page - STMicroelectronics ST20-GP6 Datasheet HTML 39Page - STMicroelectronics ST20-GP6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 123 page
background image
ST20-GP6
36/123
The
Exec register is mapped onto two additional addresses so that bits can be set or cleared indi-
vidually.
Set_Exec (address ‘interrupt base address + #104’) allows bits to be set individually. Writing a ‘1’
in this register sets the corresponding bit in the
Exec register, a ‘0’ leaves the bit unchanged.
Clear_Exec (address ‘interrupt base address + #108’) allows bits to be cleared individually. Writing
a ‘1’ in this register resets the corresponding bit in the
Exec register, a ‘0’ leaves the bit unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More