| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-GP6 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 123 page ![]() ST20-GP6 15/123 For channels 0 and 1, RTCA-SC159 satellite codes can also be selected. This is achieved by set- ting the PRNcode0-11 register appropriately and also writing the initial value for the satellite to the Satellite ID PRNcode0-11 register value Taps selected from G2 shift registera by bits 6 to 4 by bits 3 to 0 1 #62 6 2 2 #73 7 3 3 #04 8 4 4 #15 9 5 5 #11 9 1 6 #22 10 2 7 #01 8 1 8 #12 9 2 9 #23 10 3 10 #32 3 2 11 #43 4 3 12 #65 6 5 13 #76 7 6 14 #07 8 7 15 #18 9 8 16 #29 10 9 17 #41 4 1 18 #52 5 2 19 #63 6 3 20 #74 7 4 21 #05 8 5 22 #16 9 6 23 #31 3 1 24 #64 6 4 25 #75 7 5 26 #06 8 6 27 #17 9 7 28 #28 10 8 29 #61 6 1 30 #72 7 2 31 #03 8 3 32 #14 9 4 - #25 10 5 - #24 10 4 - #71 7 1 - #02 8 2 - #24 10 4 WAASb #20 10 0 Table 3.3 PRNcode0-11 register value a. Refer to the US DoD document ICD-GPS-200. b. It is the responsibility of the software to ensure that when this value is selected, a suitable value has been written into the PRNinitialVal0-1 register. If this channel is later used for a standard GPS satellite, the PRNinitialVal0-1 must be set to all ones (#3FF). |