Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-GP6 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 25Page - STMicroelectronics ST20-GP6 Datasheet HTML 26Page - STMicroelectronics ST20-GP6 Datasheet HTML 27Page - STMicroelectronics ST20-GP6 Datasheet HTML 28Page - STMicroelectronics ST20-GP6 Datasheet HTML 29Page - STMicroelectronics ST20-GP6 Datasheet HTML 30Page - STMicroelectronics ST20-GP6 Datasheet HTML 31Page - STMicroelectronics ST20-GP6 Datasheet HTML 32Page - STMicroelectronics ST20-GP6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
ST20-GP6
29/123
4.6.5 Restrictions on trap handlers
There are various restrictions that must be placed on trap handlers to ensure that they work cor-
rectly.
1
Trap handlers must not deschedule or timeslice. Trap handlers alter the
Enables masks,
therefore they must not allow other processes to execute until they have completed.
2
Trap handlers must have their
Enable masks set to mask all traps in their trap group to
avoid the possibility of a trap handler trapping to itself.
3
Trap handlers must terminate via the
tret (trap return) instruction. The only exception to this
is that a scheduler kernel may use
restart to return to a previously shadowed process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More