Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-GP6 Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 61Page - STMicroelectronics ST20-GP6 Datasheet HTML 62Page - STMicroelectronics ST20-GP6 Datasheet HTML 63Page - STMicroelectronics ST20-GP6 Datasheet HTML 64Page - STMicroelectronics ST20-GP6 Datasheet HTML 65Page - STMicroelectronics ST20-GP6 Datasheet HTML 66Page - STMicroelectronics ST20-GP6 Datasheet HTML 67Page - STMicroelectronics ST20-GP6 Datasheet HTML 68Page - STMicroelectronics ST20-GP6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 123 page
background image
ST20-GP6
65/123
10.5 Boot source
The CPU boots from ROM, unless the diagnostic control unit (DCU) is configured (via the TAP) to
start in diagnostic mode: in which case code is loaded, and the CPU booted, via the DCU.
10.6 Default configuration
The default configuration is loaded into all four banks on reset. It allows the EMI to read data from a
slow ROM memory. The default parameters are given in Table 10.10.
.
Parameter
Default value
DataDriveDelay
101 (5 phases)
BusReleaseTime
10 (2 cycles)
CEactive
01 (active during read only)
OEactive
01 (active during read only)
BEactive
00 (inactive)
Portsize
Determined by the
BusWidth signal
DeviceType
001 (SRAM/peripheral)
AccessTimeRead
1000 (8+2=10 cycles)
CEe1TimeRead
00 (0 phases)
CEe2TimeRead
00 (0 phases)
OEe1TimeRead
00 (0 phases)
OEe2TimeRead
00 (0 phases)
LatchPoint
0 (1 cycle before end of access cycle)
Table 10.10 Default configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More