| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-GP6 Fiches technique(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Fiches technique(HTML) 122 Page - STMicroelectronics |
|
122 / 123 page ![]() ST20-GP6 122/123 24 Device ID The identification code for the ST20-GP6 is # m5196041, where m is a manufacturing revision num- ber reserved by STMicroelectronics. See Table 24.1. The identification code is returned by the ldprodid instruction, see Table 7.4 on page 42. 25 Revision History Table 25.1 Revision History bit 31 bit 0 Mask rev ST20 family Variant STMicroelectronics manufacturers id a a. Defined as 1 in IEEE 1149.1 standard. reserved 01 01 00 01 10 01 01 10 00 00 01 0 00 00 1 5196041 Table 24.1 Identification code Date Revision Description of Changes December 1998 1 First Issue October 2004 2 Changed from Preliminary Data to Final datasheet. |