| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD3422EB40U6 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 MCU module description 37/300 6 MCU module description This following sections provide a detailed description of the MCU module system functions and peripherals, including: ● 8032 MCU registers ● Special function registers ● 8032 addressing modes ● UPSD34xx instruction set summary ● Dual data pointers ● Debug unit ● Interrupt system ● MCU clock generation ● Power saving modes ● Oscillator and external components ● I/O ports ● MCU bus interface ● Supervisory functions ● Standard 8032 timer/counters ● Serial UART interfaces ● IrDA interface ● I2C interface ● SPI interface ● Analog to digital converter ● Programmable counter array (PCA) ● USB interface Obsolete Product(s) - Obsolete Product(s) |