Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422EB40U6 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 40Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 41Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 42Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 43Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 44Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 45Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 46Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 47Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Special function registers (SFR)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
44/300
B0(1)
P3
P3.7
<B7h>
P3.6
<B6h>
P3.5
<B5h>
P3.4
<B4h>
P3.3
<B3h>
P3.2
<B2h>
P3.1
<B1h>
P3.0
<B0h>
FF
Table 37
B1
CAPCOM
H1
CAPCOMH1[7:0]
00
Table 143
B2
CAPCOM
L2
CAPCOML2[7:0]
00
B3
CAPCOM
H2
CAPCOMH2[7:0]
00
B4
PWMF0
PWMF0[7:0]
00
B5
RESERVED
B6
RESERVED
B7
IPA
PADC
PSPI
PPCA
PS1
–
–
PI2C
–
00
Table 24
B8(1)
IP
–
–
PT2
<BDh>
PS0
<BCh>
PT1
<BBh>
PX1
<BAh>
PT0
<B9h>
PX0
<B8h>
00
Table 22
B9
RESERVED
BA
PCACL1
PCACL1[7:0]
00
Table 143
BB
PCACH1
PCACH1[7:0]
00
BC PCACON1
–
EN_PCA
EOVF1
PCA_IDL
–
–
CLK_SEL[1:0]
00
Table 150
BD
TCMMOD
E3
EINTF E_COMP CAP_PE CAP_NE MATCH TOGGLE
PWM[1:0]
00
Table 154
BE
TCMMOD
E4
EINTF E_COMP CAP_PE CAP_NE MATCH TOGGLE
PWM[1:0]
00
BF
TCMMOD
E5
EINTF E_COMP CAP_PE CAP_NE MATCH TOGGLE
PWM[1:0]
00
C0(1)
P4
P4.7
<C7h>
P4.6
<C6h>
P4.5
<C5h>
P4.4
<C4h>
P4.3
<C3h>
P4.2
<C2h>
P4.1
<C1h>
P4.0
<C0h>
FF
Table 39
Table 5.
SFR memory map with direct address and reset value (continued)
SFR
addr
(hex)
SFR
name
Bit name and <bit address>
Reset
value
(hex)
Reg.
descr.
with link
76
5
4
3
2
1
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More