| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD3422EB40U6 Fiches technique(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 Fiches technique(HTML) 113 Page - STMicroelectronics |
|
113 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 Serial UART interfaces 113/300 Figure 30. UART mode 0, block diagram Figure 31. UART mode 0, timing diagram AI06824 Zero Detector Internal Bus Tx Control Rx Control Internal Bus SBUF Write to SBUF Read SBUF Load SBUF SBUF Input Shift Register Shift Shift Clock Serial Port Interrupt fOSC/12 REN R1 Rx Clock Start Tx Clock Start Shift Shift Send Receive T R CL DS Q 7 6 5 4 3 2 1 0 RxD P3.0 Alt Input Function RxD Pin TxD Pin AI06825 Write to SBUF Send Shift RxD (Data Out) TxD (Shift Clock) TI Write to SCON RI Receive Shift RxD (Data In) TxD (Shift Clock) Clear RI Receive Transmit D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 Obsolete Product(s) - Obsolete Product(s) |