Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 27Page - STMicroelectronics STMPE812 Datasheet HTML 28Page - STMicroelectronics STMPE812 Datasheet HTML 29Page - STMicroelectronics STMPE812 Datasheet HTML 30Page - STMicroelectronics STMPE812 Datasheet HTML 31Page - STMicroelectronics STMPE812 Datasheet HTML 32Page - STMicroelectronics STMPE812 Datasheet HTML 33Page - STMicroelectronics STMPE812 Datasheet HTML 34Page - STMicroelectronics STMPE812 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
STMPE812
Touchscreen controller
Doc ID 17732 Rev 3
31/51
11.3
Touchscreen controller registers
Table 11.
Touchscreen controller registers
Address
Register name
Bit
Type
Reset
Function
0x40
TSC_CTRL
8
R/W
0x00
Touchscreen control
0x41
TSC_DET_CFG1
8
R/W
0xA4
Touchscreen detection config 1
0x42
TSC_DET_CFG2
8
R/W
0xB0
Touchscreen detection config 2
0x43
TSC_SAMPLING
_RATE
8
R/W
0x0A
Touchscreen sampling rate
0x44
TSC_DATA
8
R
–
Touchscreen data
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51