| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE812 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE812 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 51 page ![]() STMPE812 ADC controller Doc ID 17732 Rev 3 25/51 ADC data ADC data register Address: 0x21-0x22 Type: R Reset: 0x0000 Address: ADC data register. Note: When the I2C master accesses the data register, upper/lower byte consistency must be guaranteed (Once access starts, content is updated only after BOTH bytes has been read, OR I2C master accesses other register address): - 0x21 is LSB - 0x22 is MSB [0] ADC_PORT: selects one of the port as ADC input. 00- Port 0 01- Port 1 7654 3 2 1 0 ADC_DATA_7 ADC_DATA_6 ADC_DATA_5 ADC_DATA_4 ADC_DATA_3 ADC_DATA_2 ADC_DATA_1 ADC_DATA_0 0000 0 0 0 0 [7:0] ADC_DATAx Obsolete Product(s) - Obsolete Product(s) |