Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 8Page - STMicroelectronics STMPE812 Datasheet HTML 9Page - STMicroelectronics STMPE812 Datasheet HTML 10Page - STMicroelectronics STMPE812 Datasheet HTML 11Page - STMicroelectronics STMPE812 Datasheet HTML 12Page - STMicroelectronics STMPE812 Datasheet HTML 13Page - STMicroelectronics STMPE812 Datasheet HTML 14Page - STMicroelectronics STMPE812 Datasheet HTML 15Page - STMicroelectronics STMPE812 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Charge pump
STMPE812
12/51
Doc ID 17732 Rev 3
4
Charge pump
The STMPE812 is integrated with an internal charge-pump. The charge pump is required for
any ADC/TSC operations when VCC is less than 2.5 V.
Activating the charge pump when VCC > 2.5 V may result in permanent damage of the
device.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51