Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66273FP Fiches technique(PDF) 12 Page - Mitsubishi Electric Semiconductor

No de pièce M66273FP
Description  LCD CONTROLLER with VRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66273FP Fiches technique(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M66273FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LCD CONTROLLER with VRAM
M66273FP
MITSUBISHI <DIGITAL ASSP>
Ver.3.1 Dec,1999
Function
[R12, R13] VRAM address index (8bit MPU only)
R/W
Address
Function
Reset
D6 to D0
00H
·VRAM address index register only for LCD
module built-in system. Sets the VRAM
address to access.
·Since IDX8H and IDX8L are independent from
each other, either one of the register values
can also be set and modified.
In addition, automatic increments are made
for consecutive addresses.
·Reading IDX8H outputs "0" to D7.
·Resetting sets "0000H".
IDX8H
Restriction
R/W
16H
(IDX8L)
00H
00H
4AH
·VRAM addresses to
access can be set to
0000H to 4AFFH.
Settings except for the
above must not be made.
D7 to D0
00H
IDX8L
01H
02H
FFH
D7
VRAM address
to access
0000H
0001H
0002H
4AFFH
18H
(IDX8H)
00H
00H
[R14] Data port (8bit MPU only)
R/W
Address
Function
Reset
D7 to D0
·Data port register only for LCD module built-
in type support additional functions. Via this
register, 8bit data is read/written between
MPU and VRAM.
·Completion of access to DP8 increments the
IDX8H and IDX8L values by +1.
· Resetting outputs undetermined data.
DP8
Restriction
R/W
1AH
Data port (8bit)
XXH
(Undetermined)
[R15] VRAM address index (16bit MPU only)
R/W
Address
Reset
D14 to D0
0000H
·VRAM address index register only for LCD
module built-in type support addi-tional
functions. Sets the VRAM address to
access.
·Automatically incremented for consecu-tive
addresses.
·Reading IDX16 outputs "0" to D15.
·Resetting sets "0000H".
IDX16
Restriction
R/W
1CH
0002H
0004H
4AFEH
·VRAM address to ac-cess
can be set to 0000H to
4AFEH.
Settings except for the
above must not be made.
·Set the VRAM address
with D<14:1> and fix it to
D<0>=0.
D15
VRAM address
to access
0000H
0002H
0004H
4AFEH
0000H
Note : With SWAP="1" set, set the byte-swapped data for the VRAM address to access.
(Set low order bytes of VRAM address to D<15:8> and set high order bytes of VRAM address to D<7:0>.)
[R16] Data port (16bit MPU only)
R/W
Address
Function
Reset
D15 to D0
·Data port register only for LCD module built-
in type support additional functions. Via this
register, 16bit data is read/ written between
MPU and VRAM.
·Completion of access to DP16 incre-ments
the IDX16 value by +1.
·Resetting outputs undetermined data.
DP16
Restriction
R/W
1EH
Data port (16bit)
XXXXH
(Undetermined)
Note : Registers R12 to R16 are used only for LCD module built-in system.
Register setting is not needed if these functions are not used.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com