Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66273FP Fiches technique(PDF) 8 Page - Mitsubishi Electric Semiconductor

No de pièce M66273FP
Description  LCD CONTROLLER with VRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66273FP Fiches technique(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M66273FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LCD CONTROLLER with VRAM
M66273FP
MITSUBISHI <DIGITAL ASSP>
Ver.3.1 Dec,1999
Address is listed for ICOS control. Incase of MCS control,set to address adding 50H to upper 7 bit (50**H).
(2) Description of registers
[R1] Basi c operation mode
0
0
000
0
R/W
Address
R/W
Function
Reset
RESET
0
1
Reset OFF
Reset ON
·Software reset.
0
IDXON
0
1
Index mode OFF
Index mode ON
·Set to decide whether or not the function only for LCD
module built-in system is used.
·Set Index mode OFF for reset.
DIV
D5
D4
D3
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
Division of
MPUCLK input
1/2 division
1/4 division
1
1/8 division
1/16 division
·Set the division of MPUCLK input to set the
reference clock cycle (MAINCLK) for internal
operation.
·Resetting does not divide MPUCLK.
·Control display ON/OFF of LCD.
·In the reverse mode with REV (D1) set to "1", "1" is output to
display data VD<n:0> with DISP="0".
·Reset sets display OFF.
DISP
0
1
Display OFF
Display ON
0
·Sets the data output from the LCDENB output pin.
·Resetting outputs "0" (Vss potential) to the LCDENB output pin.
D7
D6
D2
00H
Set the Basic operation mode
Restriction
·Surely return to reset
off after reset on.
·Don't set except for the
settings in the table at
left.
REV
0
1
Normal display
Reverse display
D1
·Controls normal/reverse of LCD display.
·Resetting sets normal display.
LCDE
0
1
LCDENB="0"output
LCDENB="1"output
D0
·This function is prepared for controlling the apply voltage to LCD.
When the power supply is turned ON after registers have been
completely set, set this LCDE to "1" to apply the LCD voltage.
Conversely for turning OFF the power supply to the system, set
the LCDE to "0" to turn OFF the LCD voltage.
This prevents abnormal DC voltage from being applied to the
LCD.
This function depends on the LCD functions.
Use the function, if necessary.
8
And then, can't set
another bits (D6 to
D0) at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com