Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66273FP Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor

No de pièce M66273FP
Description  LCD CONTROLLER with VRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66273FP Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M66273FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LCD CONTROLLER with VRAM
M66273FP
MITSUBISHI <DIGITAL ASSP>
Ver.3.1 Dec,1999
PIN DESCRIPTIONS
N.C
No connection
10
7
VSS
Ground
7
VDD
Power supply pin
Pin name
Input/
Output
Function
Number
of pins
8
VD<7:0>
Display data bus for LCD
Transfer the LCD display data in synchronization with a rising edge of CP by putting 4-bit or 8-bit in
parallel.
The VD<n:0> output pin in use differs depending on the number of driven screens and the display
mode.
1
Display data transfer clock
Shift clock for the transfer of display data to LCD.
Take the display data of VD<n:0> to LCD at falling edge of CP.
CP
1
LP
Display data latch pulse
This clock use both as the latch pulse of display data for LCD and the transfer of scanning signal.
LP is output when it finishes transferring display data of a line.
Latch of display data and the transfer of scanning signal at falling edge of LP.
1
First Line Marker signal output
Output the start pulse of scanning line.
This signal is "H" active, the IC for driving scanning line catches FLM at falling edge of LP.
FLM
1
LCD alternating signal output
Signal for driving LCD by alternating current.
M
1
LCDENB
LCD (ON/OFF) control signal output
Output data which is set at bit "0" of mode register (R1) in the control register. This signal can be used
for controlling the LCD power supply, because LCDENB is set to "L" by RESET.
Item
LCD
interface
Others
Output
Output
Output
Output
Output
Output
4
DIFFERENCE BETWEEN M66273FP AND M66272FP
The M66273FP is an adv anced product f rom the M66272FP at the point of MPU interf ace and timing
specif ications.
LCD display f unctions are the same with the M66272FP.
The f ollowing shows diff erence between the M66273FP and the M66272FP without timing specif ications.
Ref er to the later item about timing specif ications and detail specif ications.
It is capable of selecting WAIT output trigger input.
In case of fixed WAITCNT input, change WAIT to "L" at the
timing of the falling edge of overlapping with MCS and RD or
LWR/HWR, and in case of using WAITCNT input, change
WAIT to "L" at the timing of the falling edge of WAITCNT on
MCS="L".
Set by SWAP register.
WAITCNT input ( WAIT control input)
Pin f unction
WAIT output
control
Access to
control register
Specif ication
Bus swap f unction
M66273FP
M66272FP
SWAP input ( Bus swap input)
Set by SWAP pin.
Use IOCS pin for chip select of control register.
WAIT output change to "L" at the timing of the falling
edge of overlapping with MCS and RD or LWR/HWR.
Use IOCS or MCS pins for chip select of
control register.
(capable of controlling VRAM and control register by MCS
pin.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com