Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66273FP Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce M66273FP
Description  LCD CONTROLLER with VRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66273FP Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66273FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LCD CONTROLLER with VRAM
M66273FP
MITSUBISHI <DIGITAL ASSP>
Ver.3.1 Dec,1999
DESCRIPTION
The M66273 is a graphic display-only controller for dot matrix type STN-
LCD which is used widely for OA equipment, PDA, amusement
equipment, etc.
The M66273 is an advanced product from the M66272 at the point of MPU
interface and timing specifications. This LCD display functions are the
same with the M66272.
It is capable of displaying six types of LCD by combining the panel
configuration(single or dual scan), LCD display function(binary or gray
scale), LCD display data bus width(4 or 8 bit).
The M66273 can support the reflective color type LCD (ECB : Electrically
Controlled Birefringence).
The IC has a built-in 19200-byte VRAM as a display data memory. All of
the VRAM addresses are externally opened. Direct addressing of display
data can be performed from MPU, thus display data processing such as
drawing can be efficiently carried out.
The built-in arbiter circuit(cycle steal system) which gives priority to
display access allows timing-free access from MPU to VRAM, preventing
display screen distortion.
The IC provides has a function for LCD module built-in system by
lessening connect pins between the MPU and the IC.
FEATURES
· Display memory
·Built-in 19200-byte(153.6-Kbit) VRAM(Equivalent to 640 x 240 dots x 1
screen, 320 x 240 dots x 2 screens)
· All addresses of built-in VRAM are externally opened.
· Displayable LCD
· Binary display
Monochrome STN-LCD of up to 153600 dots(equivalent to 1/2
VGA)
· 4 gray scale display
Monochrome STN-LCD of up to 76800 dots(equivalent to 1/4 VGA)
Reflective color STN-LCD of up to 76800 dots (equivalent to 1/4
VGA)
· Interface with MPU
· Capability of switching the interface with two-way 8/16-bit MPU
· Provides WAIT output pin(WAIT output when access from MPU to
VRAM is gained)
· Capability of controlling BHE or LWR/HWR at the interface with a
16-bit MPU
· Interface with LCD
· LCD display data bus is a 4-bit or 8-bit parallel output.
· 4 kinds of control signals: CP, LP, FLM and M
· Display functions
· Graphic display only
· Binary or 4 gray scale display(gray scale palette is used to set
pseudo medium 2 gray scale.)
· Reflective color(ECB) uses a gray scale function.
· Vertical scrolling is allowed within memory range.
· Additional function for LCD module built-in system
· Capability of interfacing with two-way 8/16-bit MPU(16-bit MPU
byte access is not allowed.)
· Access from MPU to VRAM is gained via the I/O register.
· 5V or 3V single power supply
APPLICATION
PPC/FAX operation panel, display/operation panel of other OA
equipment, multifunction/public telephone
· PDA/electronic notebook/information terminal, portable terminal
· Game, Amusements, Kids computer, etc.
Panel
configuration
Binary/
gray scale LCD display data
Single scan
4bit
8bit
4bit
8bit
4bit
4bit
1
Displayable LCD size
Dual scan
Binary
Gray scale
Binary
Gray scale
Equivalent to 640 x 240
Equivalent to 320 x 240
Equivalent to 320 x 240 x 2 screens
Equivalent to 320 x 120 x 2 screens
PIN CONFIGURATION
(TOP VIEW)
Outline 80P6N-A
N.C : No Connection
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
M66273FP
VSS
VSS
VSS
VSS
A<10>
A<11>
A<12>
A<13>
VSS
VDD
VDD
VD<2>
VD<3>
VD<1>
VD<0>
WAITCNT WAIT CONTROL
N.C
FLM
LP
CP
CSE
N.C
N.C
N.C
A<9>
A<8>
MPU ADDRESS
BUS
DISPLAY DATA TRANSFER CLOCK
LCD DISPLAY DATA BUS
VD<6>
VD<7>
VD<5>
VD<4>
N.C
A<14>
DISPLAY DATA LATCH PULSE
FIRST LINE MARKER SIGNAL
CYCLE STEAL
ENABLE


Numéro de pièce similaire - M66273FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M66271FP MITSUBISHI-M66271FP Datasheet
289Kb / 21P
OPERATION PANEL CONTROLLER
logo
Renesas Technology Corp
M66271FP RENESAS-M66271FP Datasheet
290Kb / 28P
Operation Panel Controller
logo
Mitsubishi Electric Sem...
M66272 MITSUBISHI-M66272 Datasheet
78Kb / 4P
LCD CONTROLLER with VRAM
M66272FP MITSUBISHI-M66272FP Datasheet
78Kb / 4P
LCD CONTROLLER with VRAM
More results

Description similaire - M66273FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M66272FP MITSUBISHI-M66272FP Datasheet
78Kb / 4P
LCD CONTROLLER with VRAM
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
logo
Generalplus Technology ...
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
LCD Controller
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
LCD Controller
GPLB38B GENERALPLUS-GPLB38B Datasheet
388Kb / 13P
LCD Controller with 512KB ROM
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com