Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66273FP Fiches technique(PDF) 3 Page - Mitsubishi Electric Semiconductor

No de pièce M66273FP
Description  LCD CONTROLLER with VRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66273FP Fiches technique(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M66273FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LCD CONTROLLER with VRAM
M66273FP
MITSUBISHI <DIGITAL ASSP>
Ver.3.1 Dec,1999
PIN DESCRIPTIONS
Pin name
Input/
Output
Function
Number
of pins
D<15:0>
Input/
Output
MPU data bus
When selecting 8 bit MPU by MPUSEL input, connect D<15:8> to "VDD" or "VSS".
16
1
HWR
A<14:0>
Input
15
MPU address bus
When selecting 8-bit MPU, use A<14:0>.
When selecting 16-bit MPU, use A<14:1> as a address bus. By combining A<0> and BHE, access to
internal VRAM can be gained.
When driving two screens (dual scan mode), notice that the allowable setup range of VRAM address
is restricted. When IOCS control use A <7:0>, and MCS control use A <14:0> for selecting address of
control register.
1
Low-Write strobe input
When this pin is "L", write data to the internal control register or VRAM.
LWR
1
WAIT
WAIT output for MPU
This signal makes WAIT for MPU. In case of fixed WAITCNT input("VSS" or "VDD" )change WAIT to
"L" at the timing of falling edge of overlapping with MCS and RD or LWR and HWR. And in case of
using WAITCNT input, change WAIT to "L" at timing of falling edge of WAITCNT on MCS = "L".
And WAIT output return to "H" at synchronization with the rising edge of MPUCLK after internal
processing. (Output WAIT only when requested access from MPU to VRAM is gained during cycle
steal access.)
Chip select input of control register
When this pin is "L", select the internal control register. Assign to I/O space of MPU.
1
IOCS
Chip select input of VRAM / control register
When this pin is "L", select the internal VRAM. Assign to memory space of MPU.
And this pin can for chip select of control register.
In detail, refer to "COMBINATIONS OF CONTROL INPUT PINS ON THE MPU INTERFACE" and "CONTROL
REGISTER".
1
MCS
1
RD
Read strobe input
When this pin is "L", read data from the internal control register or VRAM.
MPUSEL
8/16-bit MPU select input
According to MPU, set "VSS" for 8-bit MPU and set "VDD" for 16-bit MPU.
1
Reset input
Use reset signal of MPU. When this pin is "L", initialize (reset) all internal control registers and
counters.
1
RESET
MPUCLK
MPU clock
Input system clock output from MPU.
1
BHE
1
Bus-High-Enable input
This pin is valid when using 16-bit MPU controlling byte access with A<0> and BHE.
Connect to "VDD" to select 8-bit MPU.
Item
MPU
interface
High-Write strobe input
When this pin is "L", write data to the internal VRAM. HWR is valid only in using 16-bit MPU
controlled byte access by LWR and HWR.
WAITCNT
Wait control input
This pin is used for controlling WAIT output timing when requested access from MPU to VRAM.
Use this pin, when it is necessary to output WAIT earlier than the timing of falling edge of overlapping with
MCS and RD or LWR and HWR.
And then connect AS, ALE or etc of MPU.
Connect WAITCNT to "VDD" or "VSS", when it is necessary to output WAIT at the timing of falling edge of
overlapping with MCS and RD or LWR and HWR.
1
3
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Output
CSE
Cycle Steal Enable output
State output of internal cycle steal access.
1
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com