Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66273FP Fiches technique(PDF) 9 Page - Mitsubishi Electric Semiconductor

No de pièce M66273FP
Description  LCD CONTROLLER with VRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66273FP Fiches technique(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M66273FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M66273FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LCD CONTROLLER with VRAM
M66273FP
MITSUBISHI <DIGITAL ASSP>
Ver.3.1 Dec,1999
[R2] MPUI/LCD mode
0
R/W
Address
Function
Reset
WAITC
0
1
MCS and RD or H/LWR
control
WAITCNT control
·Set to select trigger signal of WAIT output.
·When setting WAITC to "0", change WAIT to "L" at timing of
falling edge of overlapping with MCS and RD or LWR and
HWR. And return to "H" at synchronization with the rising
edge of MPUCLK offer internal processing.
·When setting WAITC to "T", change WAIT to "L" at timing of
falling edge of WAITCNT on MCS="L".And return to "H" at
synchronization with rising edge of MPUCLK after internal
processing.
·Output WAIT only when requested access from MPU to
VRAM is gained during cycle steal access.
·Resetting set WAITC ="0".
D5
Set the display data output mode on the LCD side.
Restriction
D7 , D6 are not used.
R/W
02H
·To read R2, "0" is output to D7 , D6.
9
SWAP
0
1 Order of lower/upper byte
D4
Order of upper/lower byte
·When selecting 16 bit MPU, set SWAP to "0" to transfer
VD<n:0> in order of Upper/Lower byte of MPU data
bus,reversally set to "1" in order of Lower/Upper byte.
·When selecting 8 bit MPU, set to "0"
·Even if setting to "1", use D<7:0> to access to register of
8 bit width.
·Resetting set SWAP="0".
0
0
DUAL
0
1
1 screen driving panel
2 screen driving panel
·Set the LCD panel configuration.
·Resetting sets the 1 screen driving panel.
0
·Set the LCD display mode (binary or gray scale).
·Resetting sets the binary display mode.
D2
GRAY
0
1
Binary display mode
Gray scale display mode
D1
4/8
D0
·Set the transfer path width of the LCD display data path
VD<n:0>.
·Resetting sets 4bit transfer.
0
0
1
4bit transfer
8bit transfer
·set when register is
initialized.
·set when register is
initialized.
·set when register is
initialized.
·set when register is
initialized.
·set when register is
initialized.
·When setting to
"0",connect
WAITCNT input to
VSS or VDD.
0
D3 is not used.
·To read R2, "0" is output to D3.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com