| Moteur de recherche de fiches techniques de composants électroniques |
|
AC162091 Fiches technique(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162091 Fiches technique(HTML) 65 Page - Microchip Technology |
|
65 / 78 page ![]() 2006-2012 Microchip Technology Inc. DS51292T-page 65 Appendix B. Debug Header Connections INTRODUCTION The different types of debug header connectors are shown here, as well as information on connecting development tools to the header. • 6-Pin Modular Connector • 8-Pin SIL Connector • 6-Pin SIL Connector • SIL Optional Connection • Modular-to-SIL Adapter • Ordering Information 6-PIN MODULAR CONNECTOR Debug headers with 6-pin modular (RJ-11/ICSP) connectors can connect directly with the following tools: • MPLAB REAL ICE in-circuit emulator (Standard Driver Board) • MPLAB ICD 2 or 3 FIGURE 1: MODULAR CONNECTION Header Connector From Header Connector Tool From Tool TOP SIDE J1 TOP SIDE |