Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162091 Fiches technique(PDF) 61 Page - Microchip Technology

No de pièce AC162091
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162091 Fiches technique(HTML) 61 Page - Microchip Technology

Back Button AC162091 Datasheet HTML 57Page - Microchip Technology AC162091 Datasheet HTML 58Page - Microchip Technology AC162091 Datasheet HTML 59Page - Microchip Technology AC162091 Datasheet HTML 60Page - Microchip Technology AC162091 Datasheet HTML 61Page - Microchip Technology AC162091 Datasheet HTML 62Page - Microchip Technology AC162091 Datasheet HTML 63Page - Microchip Technology AC162091 Datasheet HTML 64Page - Microchip Technology AC162091 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
 2006-2012 Microchip Technology Inc.
DS51292T-page 61
Appendix A. Debug Header Target Footprints
INTRODUCTION
To connect a debug header directly to a target board (without the use of a transition
socket) the following information will be helpful.
• DIP Device Footprints
• TQFP/PLCC Device Footprints
DIP DEVICE FOOTPRINTS
DIP device adapter footprints shown will accept adapter plugs like Samtec series APA
plugs. These plugs can be soldered in place during development/emulation and
eliminate the need for any other sockets.
FIGURE 16:
DIP FOOTPRINT
TQFP/PLCC DEVICE FOOTPRINTS
TQFP/PLCC device adapter footprints shown will accept board stackers like Samtec
series DWM 0.050 Pitch Stackers. These stackers can be soldered in place during
development/emulation and eliminate the need for any other sockets.
FIGURE 17:
SINGLE-ROW TQFP/PLCC FOOTPRINT
0.100
C
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
Drawing of DIP is 40-pin.
DIP
C
8-Pin
0.300
14-Pin
0.300
18-Pin
0.300
20-Pin
0.300
28-Pin
0.300
40-Pin
0.600
0.028 DIA
PLATED-THRU
HOLES
0.050
0.800
0.800
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
Drawing of device is 44-pin TQFP/PLCC.
0.028 DIA
PLATED-THRU
HOLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78