Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162091 Fiches technique(PDF) 58 Page - Microchip Technology

No de pièce AC162091
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162091 Fiches technique(HTML) 58 Page - Microchip Technology

Back Button AC162091 Datasheet HTML 54Page - Microchip Technology AC162091 Datasheet HTML 55Page - Microchip Technology AC162091 Datasheet HTML 56Page - Microchip Technology AC162091 Datasheet HTML 57Page - Microchip Technology AC162091 Datasheet HTML 58Page - Microchip Technology AC162091 Datasheet HTML 59Page - Microchip Technology AC162091 Datasheet HTML 60Page - Microchip Technology AC162091 Datasheet HTML 61Page - Microchip Technology AC162091 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Optional Debug Headers
DS51292T-page 58
 2006-2012 Microchip Technology Inc.
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
FIGURE 14:
DIMENSIONS - AC244043, AC244044
Dimensions are in inches
Side
Top
0.062 Typical
0.165 Typical
0.062 Typical
0.260 Typical
Target Pin 1 located
on Bottom side of Header
1.930
0.620
1.640
0.270
0.570
ICE Device
8-pin SIL Connector
(0.100 pin spacing)
See Appendix B. “Debug Header
Connections” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78