Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162091 Fiches technique(PDF) 40 Page - Microchip Technology

No de pièce AC162091
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162091 Fiches technique(HTML) 40 Page - Microchip Technology

Back Button AC162091 Datasheet HTML 36Page - Microchip Technology AC162091 Datasheet HTML 37Page - Microchip Technology AC162091 Datasheet HTML 38Page - Microchip Technology AC162091 Datasheet HTML 39Page - Microchip Technology AC162091 Datasheet HTML 40Page - Microchip Technology AC162091 Datasheet HTML 41Page - Microchip Technology AC162091 Datasheet HTML 42Page - Microchip Technology AC162091 Datasheet HTML 43Page - Microchip Technology AC162091 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Optional Debug Headers
DS51292T-page 40
 2006-2012 Microchip Technology Inc.
FIGURE 5:
DIMENSIONS – AC244022
ICE
Device
Dimensions are in inches
2.200
0.695
0.795
0.895
Top
Side
0.260
Typical
0.335 Typical
0.620
Typical
1.850
0.325
0.425
0.525
Target Pin 1 Located on
Bottom side of Header
8-pin SIL Connector
(0.100 pin spacing)
See Appendix B. “Debug Header
Connections” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78