| Moteur de recherche de fiches techniques de composants électroniques |
|
AC162091 Fiches technique(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162091 Fiches technique(HTML) 55 Page - Microchip Technology |
|
55 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 55 AC244035, AC244036 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For this header, you will need to set up the jumpers below. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC244035 PIC16F1939-ICE 02-02105 AC244036 PIC16LF1939-ICE Jumper Setting Function J2 Open Disable weak ICE/MCLR pull-up resistor Short Enable weak ICE/MCLR pull-up resistor J3 Open Disable power LED indicator Short Enable power LED indicator J4 Open Use only target capacitance for VCAP (on RA0 pin) Short Use both on-board and target capacitance for VCAP (on RA0 pin) J5 Open Use only target capacitance for VCAP (on RA5 pin) Short Use both on-board and target capacitance for VCAP (on RA5 pin) J6 Open Use only target capacitance for VCAP (on RA6 pin) Short Use both on-board and target capacitance for VCAP (on RA6 pin) |