Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162091 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce AC162091
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162091 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button AC162091 Datasheet HTML 29Page - Microchip Technology AC162091 Datasheet HTML 30Page - Microchip Technology AC162091 Datasheet HTML 31Page - Microchip Technology AC162091 Datasheet HTML 32Page - Microchip Technology AC162091 Datasheet HTML 33Page - Microchip Technology AC162091 Datasheet HTML 34Page - Microchip Technology AC162091 Datasheet HTML 35Page - Microchip Technology AC162091 Datasheet HTML 36Page - Microchip Technology AC162091 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 33
PIC18F65J16
PIC18F66J11
PIC18F66J16
PIC18F67J11
64
AC162091
PIC18F87J11-ICE
3.6V
PIC18F85J16
PIC18F86J11
PIC18F86J16
PIC18F87J11
80
PIC18F65J50
PIC18F65J55
PIC18F66J50
PIC18F66J55
PIC18F67J50
64
AC162087
PIC18F87J50-ICE
3.6V
PIC18F85J50
PIC18F85J55
PIC18F86J50
PIC18F86J55
PIC18F87J50
80
PIC18F66J60
PIC18F66J65
PIC18F67J60
64
AC162064
PIC18F97J60-ICE
3.6V
PIC18F86J60
PIC18F86J65
PIC18F87J60
80
PIC18F96J60
PIC18F96J65
PIC18F97J60
100
PIC24F08KA101
PIC24F08KA102
PIC24F16KA101
PIC24F16KA102
20
20/28
20
20/28
AC244028
PIC24F16KA102-ICE(2)
3.6V
PIC24FJ16GA002
PIC24FJ32GA002
PIC24FJ48GA002
PIC24FJ64GA002
28
AC162088
PIC24FJ64GA004-ICE
3.6V
PIC24FJ16GA004
PIC24FJ32GA004
PIC24FJ48GA004
PIC24FJ64GA004
44
AC162094
PIC24FJ64GA006
PIC24FJ64GA008
PIC24FJ64GA010
64
80
100
AC162065
or
AC244022
PIC24FJ128GA010-ICE
3.6V
PIC24FJ96GA006
PIC24FJ96GA008
PIC24FJ96GA010
64
80
100
PIC24FJ128GA006
PIC24FJ128GA008
PIC24FJ128GA010
64
80
100
Note 1:
VDDCORE Max
Note 2:
Header required for other devices.
TABLE 1:
OPTIONAL DEBUG HEADERS BY DEVICE (CON’T)
Device
Pin
Count
Header Part
Number
ICE/ICD Device Used
VDD Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78