| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSTX Fiches technique(PDF) 174 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSTX Fiches technique(HTML) 174 Page - STMicroelectronics |
|
174 / 175 page ![]() List of figures Figure 1. Generic state machine............................................................... 5 Figure 2. State machine in the LSM6DSTX ....................................................... 5 Figure 3. Machine learning core in the LSM6DSTX .................................................. 6 Figure 4. Pin connections ................................................................... 7 Figure 5. LSM6DSTX connection modes ......................................................... 8 Figure 6. SPI slave timing diagram (in mode 3) ................................................... 13 Figure 7. I²C slave timing diagram ............................................................ 14 Figure 8. Read and write protocol (in mode 3) .................................................... 20 Figure 9. SPI read protocol (in mode 3) ......................................................... 21 Figure 10. Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 21 Figure 11. SPI write protocol (in mode 3)......................................................... 22 Figure 12. Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 22 Figure 13. SPI read protocol in 3-wire mode (in mode 3) .............................................. 23 Figure 14. I²C and I3C both active (INT1 pin not connected) ........................................... 26 Figure 15. Only I3C active (INT1 pin connected to Vdd_IO) ............................................ 26 Figure 16. Block diagram of filters ............................................................. 29 Figure 17. Accelerometer UI chain ............................................................. 29 Figure 18. Accelerometer composite filter ........................................................ 30 Figure 19. Accelerometer chain with mode 4 enabled ................................................ 31 Figure 20. Gyroscope digital chain - mode 1 (UI/EIS) and mode 2 ....................................... 32 Figure 21. Gyroscope digital chain - mode 3 / mode 4 (OIS/EIS) ........................................ 33 Figure 22. Auxiliary SPI full control (a) and enabling primary interface (b) .................................. 35 Figure 23. OIS primary interface full-control ....................................................... 37 Figure 24. LSM6DSTX electrical connections in mode 1 .............................................. 41 Figure 25. LSM6DSTX electrical connections in mode 2 .............................................. 42 Figure 26. LSM6DSTX electrical connections in Mode 3 and Mode 4 (auxiliary 3/4-wire SPI) .................... 43 Figure 27. Accelerometer block diagram ......................................................... 64 Figure 28. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data ............................. 153 Figure 29. Carrier tape information for LGA-14 package ............................................. 154 Figure 30. LGA-14 package orientation in carrier tape............................................... 154 Figure 31. Reel information for carrier tape of LGA-14 package ........................................ 155 LSM6DSTX List of figures DS14039 - Rev 1 page 174/175 |