| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSTX Fiches technique(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSTX Fiches technique(HTML) 107 Page - STMicroelectronics |
|
107 / 175 page ![]() 13.10 EMB_FUNC_INT2 (0Eh) INT2 pin control register (R/W) Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of the selected signals. Table 245. EMB_FUNC_INT2 register INT2_FSM_LC 0(1) INT2_ SIG_MOT INT2_TILT INT2_STEP_ DETECTOR 0(1) 0(1) 0(1) 1. This bit must be set to 0 for the correct operation of the device. Table 246. EMB_FUNC_INT2 register description INT2_FSM_LC(1) Routing FSM long counter timeout interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_SIG_MOT(1) Routing significant motion event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_TILT(1) Routing tilt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_STEP_DETECTOR(1) Routing pedometer step recognition event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) 1. This bit is activated if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSTX EMB_FUNC_INT2 (0Eh) DS14039 - Rev 1 page 107/175 |