Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD20 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 32Page - STMicroelectronics L99LD20 Datasheet HTML 33Page - STMicroelectronics L99LD20 Datasheet HTML 34Page - STMicroelectronics L99LD20 Datasheet HTML 35Page - STMicroelectronics L99LD20 Datasheet HTML 36Page - STMicroelectronics L99LD20 Datasheet HTML 37Page - STMicroelectronics L99LD20 Datasheet HTML 38Page - STMicroelectronics L99LD20 Datasheet HTML 39Page - STMicroelectronics L99LD20 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
SPI functional description
L99LD20
36/61
DS11366 Rev 3
4.4.3
Customer test and trimming registers description
CT: Customer Trimming Register
Address:
0x3Eh
Type:
R/W
Write operation allowed only when CTM_TRIM_COD = 100 and EOT = 0
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
Reserved
Table 24. CT: Ctm Trimming Register
Bit
Default
Name
Comment
23÷21
000
CTM_TRIM_COD
Operation Code for Trimming Operation:
011: Execute blank check read
100: Execute selected bit burning
010: Execute margin mode read
011: Execute blank check read
111: Execute end of trimming
001: Execute standard read
20÷19
00
DEF_HLEDCUR
18÷17
00
DEF_DAC1
16÷15
00
DEF_VLEDTOFF1
14
0
Reserved
13
1
12
0
EOT
End of Ctm Trimming
11÷1
00000000000
—
Reserved
0
Parity Bit
ODD Parity Bit Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61