Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD20 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 11Page - STMicroelectronics L99LD20 Datasheet HTML 12Page - STMicroelectronics L99LD20 Datasheet HTML 13Page - STMicroelectronics L99LD20 Datasheet HTML 14Page - STMicroelectronics L99LD20 Datasheet HTML 15Page - STMicroelectronics L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
DS11366 Rev 3
15/61
L99LD20
Functional description
60
3
Functional description
3.1
Operating modes
Figure 7. Device state diagram
3.1.1
Standby mode
The pre-requisite for this mode is:
•
Device in Pre-Standby mode.
The device enters Standby mode under the following conditions:
•
By default, once the device is powered (VS present);
•
CSN High and DIN Low for more than tSTDBY
The Standby mode characteristics are:
•
V3V3 < VPOR
•
VSPI and VS low consumption
•
SPI inactive
The device leaves this mode if:
•
DIN High or CSN Low for a time t > tWAKEUP
Note:
Vs must be stable above minimum value specified (5.5 V) before rising edge on DIN or
falling edge on CSN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61