| Moteur de recherche de fiches techniques de composants électroniques |
|
L99LD20 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99LD20 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 61 page ![]() DS11366 Rev 3 53/61 L99LD20 Electrical specifications 60 5.4.5 PWM dimming .. Figure 12. PWM clock failure and reset sequence Table 40. PWMCLK and Fall back PWM description Symbol Parameter Test conditions Min Typ Max Unit VPWMCLK_L PWMCLK low threshold 0.3 * V3V3 V VPWMCLK_H PWMCLK high threshold 0.7 * V3V3 V3V3 V FPWMCLK PWMCLK input frequency range 102400 409600 Hz FPWMCLK_FAIL PWMCLK frequency fail detection range 0 26500 Hz FFALLBACK_CLK Fall back PWM frequency clock 190 200 210 KHz |