Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6364 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 11Page - STMicroelectronics L6364 Datasheet HTML 12Page - STMicroelectronics L6364 Datasheet HTML 13Page - STMicroelectronics L6364 Datasheet HTML 14Page - STMicroelectronics L6364 Datasheet HTML 15Page - STMicroelectronics L6364 Datasheet HTML 16Page - STMicroelectronics L6364 Datasheet HTML 17Page - STMicroelectronics L6364 Datasheet HTML 18Page - STMicroelectronics L6364 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
7.2
SIO mode control
In the SIOActive state, the high-side or low-side switches are switched according to the CCTL:HS and CCTL:LS
bits. It is not legal to switch on both simultaneously, and this register setting disables both switches.
The high-side and low-side switches are identical, and have an on-state resistance of RSW.
Any inactive switch acts as a Zener diode limiting the voltage on the CQ line to VZEN above VPLUS (high-side
switch), or VZEN below GND (low-side switch). This allows rapid switch-off for inductive loads.
L6364
SIO mode control
DS13363 - Rev 4
page 15/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60