Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6364 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 47Page - STMicroelectronics L6364 Datasheet HTML 48Page - STMicroelectronics L6364 Datasheet HTML 49Page - STMicroelectronics L6364 Datasheet HTML 50Page - STMicroelectronics L6364 Datasheet HTML 51Page - STMicroelectronics L6364 Datasheet HTML 52Page - STMicroelectronics L6364 Datasheet HTML 53Page - STMicroelectronics L6364 Datasheet HTML 54Page - STMicroelectronics L6364 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Table 34. QFN20L, Packing information (additional dimension info [mm])
SYMBOL
MIN.
TYP.
MAX.
Ao
4.25
4.35
4.45
Bo
4.25
4.35
4.45
Ko
1.0
1.1
1.2
T
0.25
0.3
0.35
L6364
QFN20L Package and Packing
Mechanical Data
DS13363 - Rev 4
page 51/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60