Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5013 Fiches technique(PDF) 43 Page - ams AG

No de pièce AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Fiches technique(HTML) 43 Page - ams AG

Back Button AS5013 Datasheet HTML 39Page - ams AG AS5013 Datasheet HTML 40Page - ams AG AS5013 Datasheet HTML 41Page - ams AG AS5013 Datasheet HTML 42Page - ams AG AS5013 Datasheet HTML 43Page - ams AG AS5013 Datasheet HTML 44Page - ams AG AS5013 Datasheet HTML 45Page - ams AG AS5013 Datasheet HTML 46Page - ams AG AS5013 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
ams Datasheet
Page 43
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Package Drawings & Markings
Recommended Mounting
The typical mounting configuration of the AS5013 with the
mechanics is on both sides of the PCB:
• Mechanics + Magnet on the top side
• AS5013 IC on the bottom side
A thickness of 0.3mm to 1.0mm for the PCB is recommended.
A dome switch for push button function can be added as well.
Figure 45:
AS5013 Mounting Example for Low Profile Joystick
AS 5013
Knob
Magnet
Adhesive tape
Dome switch
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50