| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5013 Fiches technique(PDF) 31 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5013 Fiches technique(HTML) 31 Page - ams AG |
|
31 / 50 page ![]() ams Datasheet Page 31 [v2-00] 2021-Apr-19 Document Feedback AS5013 − I²C Registers Figure 35: Control Register 2 (2Eh) 12 77.0 1 500.0 11 83.4 67 571.5 10 90.8 9 100.0 8 111.1 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Test Test Test ext_clk_en use_static_ offset EN_offset_ comp inv_ spinning Test R/W R/W R/W R/W R/W R/W R/W R/W Reset value: 1000 0100 Bit Bit Description 7 Test bit. Must configured ‘1’. 6:4 Test bit. Must configured ‘000’. 3 Test bit. Must configured ‘0’. 2 Test bit. Must configured ‘1’. 1 Magnet Polarity bit. Must be set after power up, depending on how the magnet is placed Figure 36 0 Test bit. Must configured ‘0’. T_ctrl Scaling Factor % T_ctrl Scaling Factor % |