Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5013 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Fiches technique(HTML) 2 Page - ams AG

  AS5013 Datasheet HTML 1Page - ams AG AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Page 2
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − General Description
Applications
The AS5013 is ideal for small form-factor manual input devices
in battery operated equipment, such as
• Mobile phones
• MP3 players
• PDAs
• GPS receivers
• Gaming consoles
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS5013 Block Diagram
VDD
SDA
SCL
Power
Management
Processing
Engine
ADC
I² C
Interface
C3
C2
C4
C1
Hall Sensors
AS5013
Clock
Generator
VDDp
INTn
VSS
RESETn
ADDR
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50