Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5013 Fiches technique(PDF) 32 Page - ams AG

No de pièce AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Fiches technique(HTML) 32 Page - ams AG

Back Button AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG AS5013 Datasheet HTML 32Page - ams AG AS5013 Datasheet HTML 33Page - ams AG AS5013 Datasheet HTML 34Page - ams AG AS5013 Datasheet HTML 35Page - ams AG AS5013 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Page 32
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − I²C Registers
Figure 36:
Magnet Configuration
Note: In order to know the polarity of the magnet without any
testing device, please refer to Registers Initialization
S
N
S
N
S
N
S
N
Magnet configuration 2
Bit Inv_spinning = 0 (default)
AS5013
AS5013
AS5013
AS5013
Magnet configuration 1
Bit Inv_spinning = 1
Magnet configuration 3
Magnet configuration 4
(e.g. EasyPoint modules)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50