Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5013 Fiches technique(PDF) 9 Page - ams AG

No de pièce AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Fiches technique(HTML) 9 Page - ams AG

Back Button AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
ams Datasheet
Page 9
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Detailed Description
The benefits of the AS5013 device are as follows:
• Complete system-on-chip
• High reliability due to non-contact sensing
• Low power consumption
Figure 8:
Typical Arrangement of AS5013 and Axial Magnet
Operating the AS5013
Typical Application
The AS5013 requires only a few external components in order
to operate immediately when connected to the host
microcontroller.
Only 4 wires are needed for a simple application using a single
power supply: two wires for power and two wires for the I²C
communication. A fifth connection can be added in order to
send an interrupt to the host CPU when the magnet is moving
away from the center and to inform that a new valid coordinate
can be read.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50