Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5013 Fiches technique(PDF) 22 Page - ams AG

No de pièce AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Fiches technique(HTML) 22 Page - ams AG

Back Button AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Page 22
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Detailed Description
Figure 22:
A Complete HS-Mode Transfer
Automatic Increment of Address Pointer
The AS5013 slave automatically increments the address pointer
after each byte transferred. The increase of the address pointer
is independent from the address being valid or not.
Invalid Addresses
If the user sets the address pointer to an invalid address, the
address byte is not acknowledged. Nevertheless a read or write
cycle is possible. The address pointer is increased after each
byte.
Reading:
When reading from a wrong address, the AS5013 slave returns
all zero. The address pointer is increased after each byte.
Sequential read over the whole address range is possible
including address overflow.
Writing:
A write to a wrong address is not acknowledged by the AS5013
slave, although the address pointer is increased. When the
address pointer points to a valid address again, a successful
write accessed is acknowledged. Page write over the whole
address range is possible including address overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50