| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 607 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 607 Page - Renesas Technology Corp |
|
607 / 923 page ![]() 569 16.1.3 Pin Configuration Table 16.1 shows the input pins used with the mid-speed A/D converter. The AV CC and AVSS pins are for the mid-speed A/D converter internal analog section power supply. AVref pin is the A/D conversion standard voltage. Table 16.1 Pin Configuration Pin Abbreviation I/O Function Analog supply Av CC I Analog section power supply Analog ground AV SS I Analog section ground and A/D conversion standard voltage Standard voltage AVref* I A/D conversion standard voltage (SH7041A, SH7043A, and SH7045 only) A/D0 Analog input 0 AND I Analog input channel 0 Analog input 1 AN1 I Analog input channel 1 Analog input 2 AN2 I Analog input channel 2 Analog input 3 AN3 I Analog input channel 3 A/D1 Analog input 4 AN4 I Analog input channel 4 Analog input 5 AN5 I Analog input channel 5 Analog input 6 AN6 I Analog input channel 6 Analog input 7 AN7 I Analog input channel 7 A/D external trigger input ADTRG I External trigger for A/D conversion start Note: * In the SH7040A, SH7042A, and SH7044, AV ref is connected to AVCC internally. |