| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 61 Page - Renesas Technology Corp |
|
61 / 923 page ![]() 23 Table 1.3 Pin Arrangement by Mode for SH7040, SH7042 (TQFP-120 Pin) (cont) TQFP120 Pin No. MCU Mode PROM Mode 94 PE2/TIOC0C/ DREQ1 NC 95 PE3/TIOC0D/ DRAK1 NC 96 PE4/TIOC1A NC 97 V SS V SS 98 PF0/AN0 V SS 99 PF1/AN1 V SS 100 PF2/AN2 V SS 101 PF3/AN3 V SS 102 PF4/AN4 V SS 103 PF5/AN5 V SS 104 AV SS V SS 105 PF6/AN6 V SS 106 PF7/AN7 V SS 107 AV CC V CC 108 V SS V SS 109 PE5/TIOC1B NC 110 NC NC 111 V CC V CC 112 PE6/TIOC2A NC 113 PE7/TIOC2B NC 114 PE8/TIOC3A NC 115 PE9/TIOC3B NC 116 PE10/TIOC3C NC 117 V SS V SS 118 PE11/TIOC3D NC 119 PE12/TIOC4A NC 120 PE13/TIOC4B/ MRES NC |