Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7041A Fiches technique(PDF) 43 Page - Renesas Technology Corp

No de pièce SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Fiches technique(HTML) 43 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 39Page - Renesas Technology Corp SH7041A Datasheet HTML 40Page - Renesas Technology Corp SH7041A Datasheet HTML 41Page - Renesas Technology Corp SH7041A Datasheet HTML 42Page - Renesas Technology Corp SH7041A Datasheet HTML 43Page - Renesas Technology Corp SH7041A Datasheet HTML 44Page - Renesas Technology Corp SH7041A Datasheet HTML 45Page - Renesas Technology Corp SH7041A Datasheet HTML 46Page - Renesas Technology Corp SH7041A Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 923 page
background image
5
 Total: 82
• QFP 144 (SH7041, SH7043, SH7045)
 Input/output: 98
 Input: 8
 Total: 106
A/D Converter:
• 10 bits × 8 channels
• Conversion upon external trigger possible
• Sample and hold function: two on-chip units (two channels can be sampled simultaneously)
• Depending on the product, there is a high speed, mid-accuracy A/D on-chip type and a mid-
speed, high accuracy A/D on-chip type. For details, see the product lineup.
Large Capacity On-Chip Memory:
• ROM (128 kbytes PROM, 256 kbytes/128 kbytes/64 kbytes mask ROM, 256 kbytes flash
ROM)
 SH7044, SH7045: 256 kbytes (flash ROM, mask ROM)
 SH7042, SH7043: 128 kbytes (ZTAT, mask ROM)
 SH7040, SH7041: 64 kbytes (mask ROM)
• RAM: 4 kbytes (2 kbytes when cache is used)
Operating Modes:
• Operating modes
 Expanded mode with ROM disabled
 Expanded mode with ROM enabled
 Single-chip mode
• Processing states
 Program execution state
 Exception processing state
 Bus-released state
• Power-down modes
 Sleep mode
 Software standby mode
Clock Pulse Generator (CPG):
• On-chip clock pulse generator
 On-chip clock-doubling PLL circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More