| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 606 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 606 Page - Renesas Technology Corp |
|
606 / 923 page ![]() 568 16.1.2 Block Diagram Figure 16.1 is the block diagram of the mid-speed A/D converter. AV CC, AVref and AVSS pins of both A/D are common in LSI. A/D0 + − + − AVcc AVref AVss AN0 AN1 AN2 AN3 A/D1 AVcc AVref AVss AN4 AN5 AN6 AN7 Interrupt signal ADI0 (DTC) Interrupt signal ADI1 (DMAC) Module data bus Module data bus (Only with 144 pin) (Only with 144 pin) 10-bit D/A 10-bit D/A Sample & hold circuit Comparator Control circuit Sample & hold circuit Comparator Control circuit Port trigger MTU trigger Logical sum Figure 16.1 Mid-Speed A/D Converter Block Diagram |