Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7041A Fiches technique(PDF) 562 Page - Renesas Technology Corp

No de pièce SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Fiches technique(HTML) 562 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 558Page - Renesas Technology Corp SH7041A Datasheet HTML 559Page - Renesas Technology Corp SH7041A Datasheet HTML 560Page - Renesas Technology Corp SH7041A Datasheet HTML 561Page - Renesas Technology Corp SH7041A Datasheet HTML 562Page - Renesas Technology Corp SH7041A Datasheet HTML 563Page - Renesas Technology Corp SH7041A Datasheet HTML 564Page - Renesas Technology Corp SH7041A Datasheet HTML 565Page - Renesas Technology Corp SH7041A Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 923 page
background image
524
Transmitting Serial Data (Synchronous Mode): Figure 14.18 shows a sample flowchart for
transmitting serial data and indicates the procedure to follow.
1.SCI initialization: Set the TxD pin function with the PFC.
2.SCI status check and transmit data write: Read SSR, check that the TDRE flag is 1, then write
transmit data in TDR and clear the TDRE flag to 0.
3.To continue transmitting serial data: After checking that the TDRE flag is 1, indicating that
data can be written, write data in TDR, then clear the TDRE flag to 0. When the DMAC or
DTC is activated by a transmit-data-empty interrupt request (TxI) to write data in TDR, the
TDRE flag is checked and cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More