| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 430 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 430 Page - Renesas Technology Corp |
|
430 / 923 page ![]() 392 12.7.5 Contention between Buffer Register Write and Compare Match If a compare-match occurs in the T 2 state of the TGR write cycle, data is transferred by the buffer operation from the buffer register to the TGR. Data to be transferred differs depending on channels 0 and 3 and 4: data on channel 0 is that after write, and on channels 3 and 4, before write (figures 12.79 and 12.80). Buffer register Compare match signal Compare match buffer signal Address Write signal TGR φ T1 T2 TGR write cycle Buffer register address NM Buffer register write data M Figure 12.79 TGR Write and Compare-Match Contention (Channel 0) |