| Moteur de recherche de fiches techniques de composants électroniques |
|
P5021 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 155 page ![]() Pin assignments and reset states P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 13 D1_MCK2 Clock V8 O GVDD — D1_MCK3 Clock W9 O GVDD — D1_MCK0 Clock Complements W5 O GVDD — D1_MCK1 Clock Complements V5 O GVDD — D1_MCK2 Clock Complements V9 O GVDD — D1_MCK3 Clock Complements W8 O GVDD — D1_MODT0 On Die Termination AD10 O GVDD — D1_MODT1 On Die Termination AG10 O GVDD — D1_MODT2 On Die Termination AD8 O GVDD — D1_MODT3 On Die Termination AF10 O GVDD — D1_MDIC0 Driver Impedance Calibration T6 I/O GVDD 16 D1_MDIC1 Driver Impedance Calibration AA5 I/O GVDD 16 DDR SDRAM Memory interface 2 D2_MDQ00 Data C13 I/O GVDD — D2_MDQ01 Data A12 I/O GVDD — D2_MDQ02 Data B9 I/O GVDD — D2_MDQ03 Data A8 I/O GVDD — D2_MDQ04 Data A13 I/O GVDD — D2_MDQ05 Data B13 I/O GVDD — D2_MDQ06 Data B10 I/O GVDD — D2_MDQ07 Data A9 I/O GVDD — D2_MDQ08 Data A7 I/O GVDD — D2_MDQ09 Data D6 I/O GVDD — D2_MDQ10 Data A4 I/O GVDD — D2_MDQ11 Data B4 I/O GVDD — D2_MDQ12 Data C7 I/O GVDD — D2_MDQ13 Data B7 I/O GVDD — D2_MDQ14 Data C5 I/O GVDD — D2_MDQ15 Data D5 I/O GVDD — D2_MDQ16 Data B1 I/O GVDD — D2_MDQ17 Data B3 I/O GVDD — D2_MDQ18 Data D3 I/O GVDD — D2_MDQ19 Data E1 I/O GVDD — D2_MDQ20 Data A3 I/O GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |