| Moteur de recherche de fiches techniques de composants électroniques |
|
P5021 Fiches technique(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Fiches technique(HTML) 12 Page - NXP Semiconductors |
|
12 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 12 D1_MDQS7 Data Strobe AT11 I/O GVDD — D1_MDQS8 Data Strobe K5 I/O GVDD — D1_MBA0 Bank Select AA8 O GVDD — D1_MBA1 Bank Select Y10 O GVDD — D1_MBA2 Bank Select M8 O GVDD — D1_MA00 Address Y9 O GVDD — D1_MA01 Address U6 O GVDD — D1_MA02 Address U7 O GVDD — D1_MA03 Address U9 O GVDD — D1_MA04 Address U10 O GVDD — D1_MA05 Address T8 O GVDD — D1_MA06 Address T9 O GVDD — D1_MA07 Address R8 O GVDD — D1_MA08 Address R7 O GVDD — D1_MA09 Address P6 O GVDD — D1_MA10 Address AA7 O GVDD — D1_MA11 Address P7 O GVDD — D1_MA12 Address N6 O GVDD — D1_MA13 Address AE8 O GVDD — D1_MA14 Address M7 O GVDD — D1_MA15 Address L6 O GVDD — D1_MWE Write Enable AB8 O GVDD — D1_MRAS Row Address Strobe AA10 O GVDD — D1_MCAS Column Address Strobe AC10 O GVDD — D1_MCS0 Chip Select AC9 O GVDD — D1_MCS1 Chip Select AE9 O GVDD — D1_MCS2 Chip Select AB9 O GVDD — D1_MCS3 Chip Select AF9 O GVDD — D1_MCKE0 Clock Enable P10 O GVDD — D1_MCKE1 Clock Enable R10 O GVDD — D1_MCKE2 Clock Enable P9 O GVDD — D1_MCKE3 Clock Enable N9 O GVDD — D1_MCK0 Clock W6 O GVDD — D1_MCK1 Clock V6 O GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |