Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P5021 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 7Page - NXP Semiconductors P5021 Datasheet HTML 8Page - NXP Semiconductors P5021 Datasheet HTML 9Page - NXP Semiconductors P5021 Datasheet HTML 10Page - NXP Semiconductors P5021 Datasheet HTML 11Page - NXP Semiconductors P5021 Datasheet HTML 12Page - NXP Semiconductors P5021 Datasheet HTML 13Page - NXP Semiconductors P5021 Datasheet HTML 14Page - NXP Semiconductors P5021 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
Pin assignments and reset states
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
11
D1_MECC1
Error Correcting Code
J5
I/O
GVDD
—
D1_MECC2
Error Correcting Code
L10
I/O
GVDD
—
D1_MECC3
Error Correcting Code
M10
I/O
GVDD
—
D1_MECC4
Error Correcting Code
J8
I/O
GVDD
—
D1_MECC5
Error Correcting Code
J7
I/O
GVDD
—
D1_MECC6
Error Correcting Code
L7
I/O
GVDD
—
D1_MECC7
Error Correcting Code
L9
I/O
GVDD
—
D1_MAPAR_ERR
Address Parity Error
N8
I
GVDD
40
D1_MAPAR_OUT
Address Parity Out
Y7
O
GVDD
—
D1_MDM0
Data Mask
A16
O
GVDD
—
D1_MDM1
Data Mask
D14
O
GVDD
—
D1_MDM2
Data Mask
D11
O
GVDD
—
D1_MDM3
Data Mask
G11
O
GVDD
—
D1_MDM4
Data Mask
AD7
O
GVDD
—
D1_MDM5
Data Mask
AH8
O
GVDD
—
D1_MDM6
Data Mask
AL11
O
GVDD
—
D1_MDM7
Data Mask
AT10
O
GVDD
—
D1_MDM8
Data Mask
K8
O
GVDD
—
D1_MDQS0
Data Strobe
C16
I/O
GVDD
—
D1_MDQS1
Data Strobe
G14
I/O
GVDD
—
D1_MDQS2
Data Strobe
D9
I/O
GVDD
—
D1_MDQS3
Data Strobe
G9
I/O
GVDD
—
D1_MDQS4
Data Strobe
AD5
I/O
GVDD
—
D1_MDQS5
Data Strobe
AH6
I/O
GVDD
—
D1_MDQS6
Data Strobe
AM10
I/O
GVDD
—
D1_MDQS7
Data Strobe
AT12
I/O
GVDD
—
D1_MDQS8
Data Strobe
K6
I/O
GVDD
—
D1_MDQS0
Data Strobe
B16
I/O
GVDD
—
D1_MDQS1
Data Strobe
F14
I/O
GVDD
—
D1_MDQS2
Data Strobe
D8
I/O
GVDD
—
D1_MDQS3
Data Strobe
G8
I/O
GVDD
—
D1_MDQS4
Data Strobe
AD4
I/O
GVDD
—
D1_MDQS5
Data Strobe
AH5
I/O
GVDD
—
D1_MDQS6
Data Strobe
AM9
I/O
GVDD
—
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More