| Moteur de recherche de fiches techniques de composants électroniques |
|
P5021 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 32 GND Ground AR32 — — — GND Ground AK28 — — — GND Ground AE27 — — — GND Ground L16 — — — GND Ground AP34 — — — GND Ground AJ32 — — — GND Ground AN30 — — — GND Ground AH34 — — — GND Ground AT36 — — — GND Ground AL34 — — — GND Ground AM32 — — — GND Ground AE26 — — — GND Ground AC26 — — — GND Ground AA26 — — — GND Ground W26 — — — GND Ground U26 — — — GND Ground R26 — — — GND Ground N26 — — — GND Ground M11 — — — GND Ground P11 — — — GND Ground T11 — — — GND Ground V11 — — — GND Ground Y11 — — — GND Ground AB11 — — — GND Ground AD11 — — — GND Ground AE12 — — — GND Ground AC12 — — — GND Ground AA12 — — — GND Ground W12 — — — GND Ground U12 — — — GND Ground R12 — — — GND Ground N12 — — — GND Ground M13 — — — GND Ground P13 — — — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |